Part Number Hot Search : 
VCO55CL LTC1994 KT890P15 Z89136 3KE220CA CS18101 G65SC W741C205
Product Description
Full Text Search
 

To Download PR32MA11NTZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pr22ma11ntz series PR32MA11NTZ series features i t (rms) 0.15a, non-zero cross type dip 6pin ssr 1. output current, i t (rms) 0.15a 2. non-zero crossing functionary 3. 6 pin dip package, (smt gullwing also available) 4. high repetitive peak off-state voltage (v drm : 600v, PR32MA11NTZ series ) (v drm : 400v, pr22ma11ntz series ) 5. superior noise immunity (dv/dt : min. 100v/ s) 6. response time, t on : max. 100 s 7. lead-free components are also available (see model line-up section in this datasheet) 8. double transfer mold construction (ideal for flow soldering) 9. high isolation voltage between input and output (v iso (rms) : 5.0kv) description pr22ma11ntz series and PR32MA11NTZ series solid state relays (ssr) are an integration of an infrared emitting diode (ired), a phototriac detector. these devices are ideally suited for controlling high voltage ac loads with solid state reliability while providing 5.0kv isolation (v iso (rms) ) from input to output. 1 notice the content of data sheet is subject to change without prior notice. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that may occur in equipment using any sharp devices shown in catalogs, data books, etc. contact sharp in order to obtain the latest device specification sheets before usin g any sharp device. pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en date mar. 31. 2004 ?sharp corporation agency approvals/compliance 1. isolated interface between high voltage ac devices and lower voltage dc control circuitry. 2. switching small capacity motors, fans, heaters, solenoids, and valves. 3. phase or power control in applications such as lighting and temperature control equipment. applications 1. package resin : ul flammability grade (94v-0)
internal connection diagram 1 6 4 1 3 5 2 2 3 4 5 6 anode cathode nc anode/cathode no external connection cathode/anode 2 outline dimensions (unit : mm) 1. through-hole [ex. pr22ma11ntzf ] 2. smt gullwing lead-form [ex. pr22ma11nxpf ] 7.12 0.5 : 0 to 13? 7.62 0.3 epoxy resin 6.5 0.5 0.6 0.2 1.2 0.3 1 2 3 6 5 4 0.5 typ. 2.9 0.5 0.5 0.1 2.54 0.25 3.25 0.5 3.5 0.5 0.26 0.1 r22ma1 sharp mark "s" date code (2 digit) model no. factory identification mark anode mark 7.12 0.5 7.62 0.3 epoxy resin 6.5 0.5 0.6 0.2 1.2 0.3 2.54 0.25 3.5 0.5 0.35 0.25 1.0 + 0.4 ? 0 1.0 + 0.4 ? 0 10.0 + 0 ? 0.5 0.26 0.1 1 2 3 6 5 4 r22ma1 sharp mark "s" date code (2 digit) model no. factory identification mark anode mark 3. through-hole [ex. PR32MA11NTZf ] 4. smt gullwing lead-form [ex. pr32ma11nxpf ] pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en ? pin is not allowed external connection 5 7.12 0.5 : 0 to 13? 7.62 0.3 epoxy resin 6.5 0.5 0.6 0.2 1.2 0.3 1 2 3 6 5 4 0.5 typ. 2.9 0.5 0.5 0.1 2.54 0.25 3.25 0.5 3.5 0.5 0.26 0.1 r32ma1 sharp mark "s" date code (2 digit) model no. factory identification mark anode mark 7.12 0.5 7.62 0.3 epoxy resin 6.5 0.5 0.6 0.2 1.2 0.3 2.54 0.25 3.5 0.5 0.35 0.25 1.0 + 0.4 ? 0 1.0 + 0.4 ? 0 10.0 + 0 ? 0.5 0.26 0.1 1 2 3 6 5 4 r32ma1 sharp mark "s" date code (2 digit) model no. factory identification mark anode mark product mass : approx. 0.33g product mass : approx. 0.35g product mass : approx. 0.33g product mass : approx. 0.35g
date code (2 digit) rank mark there is no rank mark indicator and currently there are no rank offered for this device. a.d. 1990 1991 1992 1993 1994 1995 1996 1997 1998 1999 2000 2001 mark a b c d e f h j k l m n mark p r s t u v w x a b c mark 1 2 3 4 5 6 7 8 9 o n d month january february march april may june july august september october november december a.d 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2nd digit month of production 1st digit year of production factory identification mark factory identification mark no mark country of origin japan * this factory marking is for identification purpose only. please contact the local sharp sales representative to see the actural status of the production. 3 repeats in a 20 year cycle pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en
electro-optical characteristics parameter symbol unit input output (t a = 25?c) forward voltage reverse current repetitive peak off-state current on-state voltage holding current critical rate of rise of off-state voltage minimum trigger current isolation resistance turn-on time v f i r i drm v t i h dv/dt i ft r iso t on v a a v ma v/ s ma ? s i f = 20ma v r = 3v v d = v drm i t = 150ma v d = 6v v d = 1/ ? 2 ? drm v d = 6v, r l = 100 ? dc500v,40 to 60%rh v d = 6v, r l = 100 ? , i f = 20ma conditions ? ? ? ? 0.1 100 ? 5 10 10 ? 1.2 ? ? ? ? ? ? 10 11 ? 1.4 10 2.0 3.0 3.5 ? 10 ? 100 min. typ. max. transfer charac- teristics absolute maximum ratings 4 parameter symbol rating unit input output (t a = 25?c) forward current reverse voltage rms on-state current peak one cycle surge current repetitive peak off-state voltage isolation voltage operating temperature storage temperature soldering temperature *2 *1 i f v r i t (rms) i surge v drm v iso (rms) t opr t stg t sol ma v ma a v kv ?c ?c ?c *4 *3 *3 *5 50 6 150 1.2 400 600 5.0 ? 3 0 to + 85 ? 40 to + 125 270 *1 40 to 60%rh, ac for 1minute, f = 60hz *2 for 10s *3 refer to fig.1, fig.2 *4 f = 50hz sine wave *5 lead solder plating models: 260?c pr22ma11ntz PR32MA11NTZ pr22ma11ntz series PR32MA11NTZ series 1mm soldering area sheet no.: d4-a00201en
lead form shipping package model no. through-hole max.10 sleeve 50pcs/sleeve taping 1 000pcs/reel PR32MA11NTZf smt gullwing pr32ma11nxpf pr22ma11ntzf pr22ma11nxpf 600 400 i ft [ma] (v d = 6v, r l = 100 ? ) v drm [v] 5 please contact a local sharp sales representative to see the actual status of the production. pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en model line-up (1) (lead-free components) model line-up (2) (lead solder plating components) lead form shipping package model no. through-hole max.10 sleeve 50pcs/sleeve taping 1 000pcs/reel PR32MA11NTZ smt gullwing ? pr22ma11ntz ? 600 400 i ft [ma] (v d = 6v, r l = 100 ? ) v drm [v]
6 pr22ma11ntz series PR32MA11NTZ series 0 10 20 30 40 50 60 70 ? 30 0 50 100 forward current i f (ma) ambient temperature t a (?c) fig.1 forward current vs. ambient temperature fig.2 rms on-state current vs. ambient temperature sheet no.: d4-a00201en 0 25 50 75 100 125 150 175 ? 30 0 50 100 rms on-state current i t (rms) (ma) ambient temperature t a (?c) resistance load, f=60hz ac200v (PR32MA11NTZ) ac100v (pr22ma11ntz) 1 5 10 01 0.5 1.5 2 2.5 3 50 100 forward current i f (ma) forward voltage v f (v) 25?c 50?c t a =75?c ? 25?c 0?c 0 2 4 6 10 8 12 ? 40 0 ? 20 20 40 60 80 100 minimum trigger current i ft (ma) ambient temperature t a (?c) v d = 6v r l = 100 ? 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 ? 40 0 ? 20 20 40 60 80 100 on-state voltage v t (v) ambient temperature t a (?c) i t = 0.15a 0.1 10 1 ? 40 0 ? 20 20 40 60 80 100 holding current i h (ma) ambient temperature t a (?c) v d = 6v fig.3 forward current vs. forward voltage fig.4 minimum trigger current vs. ambient temperature fig.5 on-state voltage vs. ambient temperature fig.6 holding current vs. ambient temperature
7 pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en fig.8 turn-on time vs. forward current remarks : please be aware that all data in the graph are just for reference. fig.7 on-state current vs. on-state voltage forward current i f (ma) turn-on time t on ( s) 110 1 100 10 100 v d = 6v r l = 100 ? t a = 25?c 200 100 150 0 1.5 2.0 1.0 0.5 on-state current i t (ma) on-state voltage v t (v) i f = 20ma t a = 25?c 0 50
8 pr22ma11ntz series PR32MA11NTZ series design considerations in order for the ssr to turn off, the triggering current (i f ) must be 0.1ma or less. in phase control applications or where the ssr is being by a pulse signal, please ensure that the pulse width is a minimum of 1ms. when the input current (i f ) is below 0.1ma, the output triac will be in the open circuit mode. however, if the voltage across the triac, v d , increases faster than rated dv/dt, the triac may turn on. to avoid this situation, please incorporate a snubber circuit. due to the many different types of load that can be driven, we can merely recommend some circuit values to start with : cs = 0.01 f and rs = 100 ? . the operation of the ssr and snubber circuit should be tested and if unintentional switching occurs, please adjust the snubber circuit component values accordingly. when making the transition from on to off state, a snubber circuit should be used ensure that sudden drops in current are not accompanied by large instantaneous changes in voltage across the triac. this fast change in voltage is brought about by the phase difference between current and voltage. primarily, this is experienced in driving loads which are inductive such as motors and solenods. following the procedure outlined above should provide sufficient results. any snubber or varistor used for the above mentioned scenarios should be located as close to the main output triac as possible. all pins shall be used by soldering on the board. (socket and others shall not be used.) degradation in general, the emission of the ired used in ssr will degrade over time. in the case where long term operation and / or constant extreme temperature fluctuations will be applied to the devices, please allow for a worst case scenario of 50% degradation over 5years. therefore in order to maintain proper operation, a design implementing these ssrs should provide at least twice the minimum required triggering current from initial operation. design guide sheet no.: d4-a00201en recommended operating conditions parameter pr22ma11ntz PR32MA11NTZ symbol unit input output input signal current at on state input signal current at off state load supply voltage load supply current frequency operating temperature i f (on) i f (off) v out (rms) i out (rms) f t opr ma ma v ma hz ?c ? ? ? locate snubber circuit between output terminals (cs = 0.01 f, rs = 100 ? ) ? ? conditions 20 0 ? ? 50 ? 20 25 0.1 120 240 i t (rms) 80%( ? ) 60 70 min. max. ( ? ) see fig.2 about derating curve (i t (rms) vs. ambient temperature).
9 pr22ma11ntz series PR32MA11NTZ series ? for additional design assistance, please review our corresponding optoelectronic application notes. standard circuit tr1 r 1 d 1 v 1 + v cc ac line load z s z s : surge absorption circuit (snubber circuit) ssr 6 1 2 4 sheet no.: d4-a00201en recommended foot print (reference) smt gullwing lead-form 2.54 2.54 1.7 2.2 8.2 (unit : mm)
manufacturing guidelines reflow soldering: reflow soldering should follow the temperature profile shown below. soldering should not exceed the curve of temperature profile and time. please don't solder more than twice. soldering method flow soldering : due to sharp's double transfer mold construction submersion in flow solder bath is allowed under the below listed guidelines. flow soldering should be completed below 270?c and within 10s. preheating is within the bounds of 100 to 150?c and 30 to 80s. please don't solder more than twice. hand soldering hand soldering should be completed within 3s when the point of solder iron is below 400?c. please don't solder more than twice. other notices please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and pcb varies depending on the tooling and soldering conditions. 10 1234 300 200 100 0 0 (?c) terminal : 260?c peak ( package surface : 250?c peak) preheat 150 to 180?c, 120s or less reflow 220?c or more, 60s or less (min) pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en
11 pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en solvent cleaning : solvent temperature should be 45?c or below. immersion time should be 3minutes or less. ultrasonic cleaning : the impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of pcb and mounting method of the device. therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. recommended solvent materials : ethyl alcohol, methyl alcohol and isopropyl alcohol. in case the other type of solvent materials are intended to be used, please make sure they work fine in actual using conditions since some materials may erode the packaging resin. cleaning instructions this product shall not contain the following materials. and they are not used in the production process for this device. regulation substances : cfcs, halon, carbon tetrachloride, 1.1.1-trichloroethane (methylchloroform) specific brominated flame retardants such as the pbbos and pbbs are not used in this product at all. presence of odc
package specification 12 12.0 6.7 5.8 10.8 520 2 sleeve package through-hole package materials sleeve : hips (with anti-static material) stopper : styrene-elastomer package method max. 50pcs of products shall be packaged in a sleeve. both ends shall be closed by tabbed and tabless stoppers. the product shall be arranged in the sleeve with its anode mark on the tabless stopper side. max. 20 sleeves in one case. sleeve outline dimensions (unit : mm) pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en
13 tape and reel package smt gullwing package materials carrier tape : a-pet (with anti-static material) cover tape : pet (three layer system) reel : ps carrier tape structure and dimensions f k e i d j b h h a c g 5? max. dimensions list (unit:mm) a 16.0 0.3 b 7.5 0.1 c 1.75 0.1 d 12.0 0.1 e 2.0 0.1 h 10.4 0.1 i 0.4 0.05 j 4.2 0.1 k 7.8 0.1 f 4.0 0.1 g 1.5 + 0.1 ? 0 a c e g f b d dimensions list (unit : mm) a 330 b 17.5 1.5 c 100 1.0 d 13 0.5 e 23 1.0 f 2.0 0.5 g 2.0 0.5 pull-out direction [packing : 1 000pcs/reel] reel structure and dimensions direction of product insertion pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en
?the circuit application examples in this publication are provided to explain representative applications of sharp devices and are not intended to guarantee any circuit design or license any intellectual property rights. sharp takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of sharp's devices. ?contact sharp in order to obtain the latest device specification sheets before using any sharp device. sharp reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. manufacturing locations are also subject to change without notice. ?observe the following points when using any devices in this publication. sharp takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) the devices in this publication are designed for use in general electronic equipment designs such as: --- personal computers --- office automation equipment --- telecommunication equipment [terminal] --- test and measurement equipment --- industrial control --- audio visual equipment --- consumer electronics (ii) measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when sharp devices are used for or in connection with equipment that requires higher reliability such as: - -- transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- traffic signals --- gas leakage sensor breakers --- alarm equipment --- various safety devices, etc. (iii) sharp devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- space applications --- telecommunication equipment [trunk lines] --- nuclear power control equipment - -- medical and other life support equipment (e.g., scuba). ?if the sharp devices listed in this publication fall within the scope of strategic products described in the foreign exchange and foreign trade law of japan, it is necessary to obtain approval to export such sharp devices. ?this publication is the proprietary product of sharp and is copyrighted, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of sharp. express written permission is also required before any use of this publication may be made by a third party. ?contact and consult with a sharp representative if there are any questions about the contents of this publication. 14 important notices pr22ma11ntz series PR32MA11NTZ series sheet no.: d4-a00201en


▲Up To Search▲   

 
Price & Availability of PR32MA11NTZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X